PART |
Description |
Maker |
SUP85N08-08 SUB85N08-08 |
N-Channel 75-V (D-S) 175 Degree Celcious MOSFET N通道75 - V(下副秘书长175度Celcious MOSFET N-Channel 75-V (D-S) 175C MOSFET N通道75 - V(下副秘书长75荤MOSFET N-Channel MOSFET N-Channel 75-V (D-S) 175C MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
SUP45N03-13L |
N-Channel Enhancement-Mode Transistor N-Channel 30-V (D-S), 175C MOSFET N-Channel MOSFET N-Channel 30-V (D-S), 175C MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
SUB75P03-08 SUP75P03-08 |
P-Channel 30-V (D-S), 175C MOSFET P沟道30 V的(副)75C MOSFET P-Channel 30-V (D-S) 175C MOSFET P-Channel MOSFET P-Channel Enhancement-Mode Transistors
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
FDS4141 |
P-Channel PowerTrench? MOSFET -40V, -10.8A, 13.0mΩ P-Channel PowerTrench㈢ MOSFET -40V, -10.8A, 13.0mヘ -40V P-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 10.8 A, 40 V, 0.013 ohm, P-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
ZXM64N035L3 |
N-channel MOSFET 35V N-CHANNEL ENHANCEMENT MODE MOSFET 13 A, 35 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
ZXMP10A18GTA ZXMP10A18GTC ZXMP10A18G |
P-channel MOSFET 100V P-CHANNEL ENHANCEMENT MODE MOSFET 2.6 A, 100 V, 0.15 ohm, P-CHANNEL, Si, POWER, MOSFET
|
ZETEX[Zetex Semiconductors] Diodes Incorporated Zetex Semiconductor PLC
|
IRFP040 IRF9622 IRF9612 IRFP362 IRFP343 |
TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 8.4A I(D) | TO-247AC TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 1.5A I(D) | TO-220AB 晶体管| MOSFET的| P通道| 200伏五(巴西)直| 1.5AI(四)| TO - 220AB现有 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 20A I(D) | TO-247 TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 900MA I(D) | TO-220AB TRANSISTOR|MOSFET|P-CHANNEL|200VV(BR)DSS|1.5AI(D)|TO-220AB
TRANSISTOR|MOSFET|N-CHANNEL|50VV(BR)DSS|40AI(D)|TO-247AC
|
International Rectifier, Corp.
|
STD2N50 STD2N50-1 STD2N50T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2A I(D) | TO-252 晶体管| MOSFET的| N沟道| 500V五(巴西)直|甲(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR -通道增强型功率MOS器件 STD2N50-1 I-PAK MOSFET-TRANSIT N-CHANNEL MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
|